PART |
Description |
Maker |
EDS11-105E |
FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
|
Fuji Electric
|
BB664 Q62702-B0909 Q62702-B0908 |
Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance) 硅变容二极管(甚高频电视信号接收器高电容率低串联电感低串联电阻) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BB669 Q62702-B0839 |
ER 1C 1#16S SKT PLUG RTANG Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance) From old datasheet system
|
Siemens Group SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
FRC3-CXXX FRC5 FRC-D FRC-E FRC3-AXXX FRC-EXXX FRC- |
(FRC3 Series) High Current Version (FRC5 Series) UL Recognized (FRC-D Series) PCB Connectors (FRC-E Series) PCB Connectors (FRC-J Series) PCB Connectors (DHB Series) Board to Board and Board to Cable Connectors (HU5 Series) Low Profile Header Connectors Intermateable (HTC Series) Grid Hard Metric Connectors (HTC Series) Hard Metric Coding Key (DHD Series) 1.27mm Center Flat Ribbon Cable IDC Connectors (DDMM Series) Socket (DFJ Series) Pitch Stacking Connector (DHE Series) Centerline IDC Connectors
|
DDK
|
677 0677.500 06771.25 0677.800 0677.630 0677.400 0 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight NTC Thermistor; Resistance:50kohm; Thermistor Tolerance: /- 10%; Mounting Type:Through Hole; Operating Temp. Max:300 C; Operating Temp. Min:-60 C; Package/Case:DO-35; Power Rating:2.5mW/ C; Resistance Ratio:9.1 轴向引线和墨盒保险丝-陶瓷 Axial Lead and Cartridge Fuses - Ceramic Body 轴向引线和墨盒保险丝-陶瓷
|
Littelfuse, Inc. http://
|
F-CBS-F1 F-CBS-F3 F-CBS-F5 F-CBS-F2 |
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
|
List of Unclassifed Man...
|
BCM48BT320T300A00 BCM48BT320M300A00 |
Fixed Ratio DC-DC Converter
|
Vicor Corporation
|
805NJR005E 810NJR005E 825NJR005E 850NJR005E 89SERI |
High power to size ratio
|
Ohmite Mfg. Co.
|
KB354NT |
High current transfer ratio
|
Kingbright Corporation
|
SF2111A |
Excellent Size-to-Performance Ratio
|
RF Monolithics, Inc
|
BCM3814V60E10ASC02 BCM3814B60E10ASC02 BCM3814V60E1 |
Isolated Fixed-Ratio DC-DC Converter
|
Vicor Corporation
|
NBM6123T60E12A7M01 NBM6123T60E12A7M0P NBM6123T60E1 |
Non-Isolated, Fixed Ratio DC-DC Converter
|
Vicor Corporation
|